Part Number Hot Search : 
UA776ID 2SC4613T ATC100B 4840S D9F2F000 25X20 VBC5027C TH8055
Product Description
Full Text Search
 

To Download BZX84C8V2TS-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30187 rev. 9 - 2 1 of 3 bzx84c2v4ts - bzx84c39ts www.diodes.co m ? diodes incorporated bzx84c 2v4ts - b zx84c39ts triple surface m ount zener di ode array features zener voltages from 2.4 - 39v three isolated diode elements in a single ultra-small surface mount package lead free /rohs co mpliant (note 5 ) case: sot-363 case material: molded pl astic. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). orientation: see diagram marking: date code and marking code (see page 2) weight: 0.006 grams (approximate) mechanical data characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v power dissipation (note 1) p d 200 mw thermal resistance, j unction to ambient air (note 1) r q ja 625 c/w operating and storage temperature range t j , t stg -65 to +150 c maximum ratings @ t a = 25 c unless otherwise s pecified a m j l d b c h k g f k x x y m c 3 c 1 c 2 a 2 a 3 a 1 sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 a 0 8 all dimensions in m m * add ?-7-f? to the appropri ate type number in table 1 from sheet 2 example: 6.2v zener = bzx84c6v2ts-7-f. notes: 1. mounted on fr4 pc board with recommended pad lay out which can be found on our website at http:/ /www.diodes.com/datasheets/ap02001.pdf. 2. short duration t est pulse used to minimize s elf-heating ef fect. 3. f = 1khz. 4. for packaging details, got to our website at htt p://www.diodes.com/datasheets/ap02007. pdf. 5. no purposefully added lead. device packaging shipping (type number) -7-f sot-363 3000/tape & reel orderi ng inform ation (note 4) lead-free
ds30187 rev. 9 - 2 2 of 3 bzx84c2v4ts - bzx84c39ts www.diodes.co m type number marking code zener vol tage range (note 2 ) maximum ze ner impeda nce (note 3) maximum reverse curre nt (note 2) temperatur e coefficient of zener vol tage @ i zt = 5ma mv/ c v z @ i zt i zt z zt @ i zt z zk @ i zk i zk i r v r nom (v) min (v) max (v) ma w ma ua @ v min max bzx84c2v4ts krb 2.4 2.2 2.6 5 100 600 0.5 50 1.0 -3.5 0 bzx84c2v7ts krc 2.7 2.5 2.9 5 100 600 1.0 20 1.0 -3.5 0 bzx84c3v0ts krd 3.0 2.8 3.2 5 95 600 1.0 10 1.0 -3.5 0 bzx84c3v3ts kre 3.3 3.1 3.5 5 95 600 1.0 5.0 1.0 -3.5 0 bzx84c3v6ts krf 3.6 3.4 3.8 5 90 600 1.0 5.0 1.0 -3.5 0 bzx84c3v9ts krg 3.9 3.7 4.1 5 90 600 1.0 3.0 1.0 -3.5 0 bzx84c4v3ts krh 4.3 4.0 4.6 5 90 600 1.0 3.0 1.0 -3.5 0 bzx84c4v7ts kr1 4.7 4.4 5.0 5 80 500 1.0 3.0 2.0 -3.5 0.2 bzx84c5v1ts kr2 5.1 4.8 5.4 5 60 480 1.0 2.0 2.0 -2.7 1.2 bzx84c5v6ts kr3 5.6 5.2 6.0 5 40 400 1.0 1.0 2.0 -2.0 2.5 bzx84c6v2ts kr4 6.2 5.8 6.6 5 10 150 1.0 3.0 4.0 0.4 3.7 bzx84c6v8ts kr5 6.8 6.4 7.2 5 15 80 1.0 2.0 4.0 1.2 4.5 bzx84c7v5ts kr6 7.5 7.0 7.9 5 15 80 1.0 1.0 5.0 2.5 5.3 bzx84c8v2ts kr7 8.2 7.7 8.7 5 15 80 1.0 0.7 5.0 3.2 6.2 bzx84c9v1ts kr8 9.1 8.5 9.6 5 15 100 1.0 0.5 6.0 3.8 7.0 bzx84c10ts kr9 10.0 9.4 10.6 5 20 150 1.0 0.2 7.0 4.5 8.0 bzx84c11ts kp1 11.0 10.4 11.6 5 20 150 1.0 0.1 8.0 5.4 9.0 bzx84c12ts kp2 12.0 11.4 12.7 5 25 150 1.0 0.1 8.0 6.0 10.0 bzx84c13ts kp3 13.0 12.4 14.1 5 30 170 1.0 0.1 8.0 7.0 11.0 bzx84c15ts kp4 15.0 13.8 15.6 5 30 200 1.0 0.1 10.5 9.2 13.0 bzx84c16ts kp5 16.0 15.3 17.1 5 40 200 1.0 0.1 11.2 10.4 14.0 bzx84c18ts kp6 18.0 16.8 19.1 5 45 225 1.0 0.1 12.6 12.4 16.0 bzx84c20ts kp7 20.0 18.8 21.2 5 55 225 1.0 0.1 14.0 14.4 18.0 bzx84c22ts kp8 22.0 20.8 23.3 5 55 250 1.0 0.1 15.4 16.4 20.0 bzx84c24ts kp9 24.0 22.8 25.6 5 70 250 1.0 0.1 16.8 18.4 22.0 bzx84c27ts kpa 27.0 25.1 28.9 2 80 300 0.5 0.1 18.9 21.4 25.3 bzx84c30ts kpb 30.0 28.0 32.0 2 80 300 0.5 0.1 21.0 24.4 29.4 bzx84c33ts kpc 33.0 31.0 35.0 2 80 325 0.5 0.1 23.1 27.4 33.4 bzx84c36ts kpd 36.0 34.0 38.0 2 90 350 0.5 0.1 25.2 30.4 37.4 bzx84c39ts kpe 39.0 37.0 41.0 2 130 350 0.5 0.1 27.3 33.4 41.2 electri cal character isti cs @ t a = 25 c unless otherwise s pecified notes: 2. short durat ion test pulse used to minimize self-heating effect. 3. f = 1khz. marking i nformat ion month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w date code key kxx = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september k x x y m
ds30187 rev. 9 - 2 3 of 3 bzx84c2v4ts - bzx84c39ts www.diodes.co m 0 1 0 2 0 3 0 0 i , z e n e r c u r r e n t ( m a ) z v , z e n e r v o l t a g e ( v ) z f ig . 3 . z e n e r b re a k d o w n c h a ra c te ri s ti c s 1 0 2 0 3 0 4 0 t = 2 5 c j t es t c ur re nt i z 5m a c 10 c 12 c 18 c 22 c 27 c 33 c 36 c 15 c 39 c , t o t a l c a p a c i t a n c e ( p f ) t 1 0 1 0 0 1 0 0 0 1 0 1 0 0 1 v , n o m i n a l z e n e r v o l t a g e ( v ) z f i g . 4 . t o t a l c a p a c i t a n c e v s n o m i n a l z e n e r v o l t a g e t = 2 5 c j v = 1 v r v = 2 v r v = 1 v r v = 2 v r 0 1 0 2 0 3 0 4 0 5 0 0 1 2 3 4 5 6 7 8 9 1 0 i , z e n e r c u r r e n t ( m a ) z v , z e n e r v o l t a g e ( v ) z f ig . 2 . z e n e r b re a k d o w n c h a ra c te ri s ti c s t = 2 5 c j c 2 v 7 c 3 v 3 c 3 v 9 c 4 v 7 c 5 v 6 c 6 v 8 c 8 v 2 t e st c u rr e n t i z 5 .0 m a t , ambient tempera ture, c a fig. 1. power derating curve p , p o w e r d i s s i p a t i o n ( m w ) d see note 1 200 100 0 300 0 100 200 i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of BZX84C8V2TS-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X